Part Number Hot Search : 
S3C7434 W14902 W14902 M6800 C68HC70 C5030F0 A6812EEP TSP140B
Product Description
Full Text Search
 

To Download PC10-90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. configuration & dimensions : 3. electrical characteristics ( @ 25c ) : superworld electronics (s) pte ltd 2. schematic : PC10-90 (f) series power transformer pg. 1 note : specifications subject to change without notice. please check our website for latest information. 25.02.2008 a-6 a-6 b 1.0414 (0.041) h l 6 5 2 pc terminal (plug-in mounting) type pc 6 pins w b 4 3 1 pcb pattern 4.76 (0.188) a-6 a-6 a-6 6 pin 6.35 (0.250) size (va) 1.0 35.30 (1.390) (1.000) 25.40 lw (0.830) h 21.08 unit : mm (inch) optional bracket * wt. (gram) 98.93 (1.200) b 30.48 --- no. mw --- md --- series connected 2 pri 115v 1 4 5 3 6 parallel connected 115v pri 2 1 4 6 5 3 eo eo a. primary voltage ac 115 v 60 hz . b. no load primary current less than 10ma . c. secondary volt age (5%) series ac 12.20 v . parallel ac 6.10 v . d. secondary load current series 90ma . parallel 180ma . e. full load primary current less than 15 ma . f. full load secondary voltage (5%) series 10.00v . pin 3-4 pin 1-2 g. dc resistance primary = 820 ohm . parallel 5.00v . pin 5-6 h. insulation resistance i. withstand voltage (hi-pot) secondary = 7.12 ohm . = 7.73 ohm . dc 500v 100meg ohm of more . ac 1500v 60hz 1 minutes . less than 60 deg c . ei-25.4 x 18.50 m/m . j. temperature rise k. core size 3000 l. turns & wire gauge primary 163 secondary-1 163 pin 3-4 pin 1-2 pin 5-6 secondary-2 turns diameter 0.07 0.20 turns diameter 0.20 turns diameter m/m . m/m . m/m .


▲Up To Search▲   

 
Price & Availability of PC10-90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X